Part Number Hot Search : 
4731A AC200 SY10EL57 CY26121 4120A AC200 03220 2SC5669
Product Description
Full Text Search
 

To Download BYV27-100A52R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product speci?cation supersedes data of 1996 oct 02 1997 nov 24 discrete semiconductors byv27 series ultra fast low-loss controlled avalanche rectifiers handbook, 2 columns m3d116
1997 nov 24 2 philips semiconductors product speci?cation ultra fast low-loss controlled avalanche recti?ers byv27 series features glass passivated high maximum operating temperature low leakage current excellent stability guaranteed avalanche energy absorption capability available in ammo-pack. description rugged glass sod57 package, using a high temperature alloyed construction. this package is hermetically sealed and fatigue free as coefficients of expansion of all used parts are matched. fig.1 simplified outline (sod57) and symbol. 2/3 page (datasheet) mam047 ka    limiting values in accordance with the absolute maximum rating system (iec 134). symbol parameter conditions min. max. unit v rrm repetitive peak reverse voltage byv27-50 - 50 v byv27-100 - 100 v byv27-150 - 150 v byv27-200 - 200 v byv27-300 - 300 v byv27-400 - 400 v byv27-500 - 500 v byv27-600 - 600 v v r continuous reverse voltage byv27-50 - 50 v byv27-100 - 100 v byv27-150 - 150 v byv27-200 - 200 v byv27-300 - 300 v byv27-400 - 400 v byv27-500 - 500 v byv27-600 - 600 v i f(av) average forward current t tp =85 c; lead length = 10 mm; see figs 2, 3 and 4; averaged over any 20 ms period; see also figs 14, 15 and 16 byv27-50 to 200 - 2.0 a byv27-300 and 400 - 1.9 a byv27-500 and 600 - 1.6 a i f(av) average forward current t amb =60 c; printed-circuit board mounting (see fig. 25); see figs 5, 6 and 7; averaged over any 20 ms period; see also figs 14, 15 and 16 byv27-50 to 200 - 1.30 a byv27-300 and 400 - 1.25 a byv27-500 and 600 - 1.10 a
1997 nov 24 3 philips semiconductors product speci?cation ultra fast low-loss controlled avalanche recti?ers byv27 series electrical characteristics t j =25 c unless otherwise speci?ed. i frm repetitive peak forward current t tp =85 c; see figs 8, 9 and 10 byv27-50 to 400 - 20 a byv27-500 and 600 - 16 a i frm repetitive peak forward current t amb =60 c; see figs 11, 12 and 13 byv27-50 to 200 - 14 a byv27-300 and 400 - 13 a byv27-500 and 600 - 11 a i fsm non-repetitive peak forward current t = 10 ms half sine wave; t j =t j max prior to surge; v r =v rrmmax byv27-50 to 400 - 50 a byv27-500 and 600 - 40 a e rsm non-repetitive peak reverse avalanche energy l = 120 mh; t j =t j max prior to surge; inductive load switched off - 20 mj t stg storage temperature - 65 +175 c t j junction temperature see fig. 17 - 65 +175 c symbol parameter conditions min. typ. max. unit v f forward voltage i f = 2 a; t j =t j max ; see figs 18, 19 and 20 byv27-50 to 200 -- 0.78 v byv27-300 and 400 -- 0.82 v byv27-500 and 600 -- 1.00 v v f forward voltage i f =2a; see figs 18, 19 and 20 byv27-50 to 200 -- 0.98 v byv27-300 and 400 -- 1.05 v byv27-500 and 600 -- 1.25 v v (br)r reverse avalanche breakdown voltage i r = 0.1 ma byv27-50 55 -- v byv27-100 110 -- v byv27-150 165 -- v byv27-200 220 -- v byv27-300 330 -- v byv27-400 440 -- v byv27-500 560 -- v byv27-600 675 -- v i r reverse current v r =v rrmmax ; see fig. 21 -- 5 m a v r =v rrmmax ; t j = 165 c; see fig. 21 -- 150 m a symbol parameter conditions min. max. unit
1997 nov 24 4 philips semiconductors product speci?cation ultra fast low-loss controlled avalanche recti?ers byv27 series thermal characteristics note 1. device mounted on an epoxy-glass printed-circuit board, 1.5 mm thick; thickness of cu-layer 3 40 m m, see fig. 25. for more information please refer to the general part of associated handbook . t rr reverse recovery time when switched from i f = 0.5 a to i r =1a; measured at i r = 0.25 a; see fig. 27 byv27-50 to 200 -- 25 ns byv27-300 to 600 -- 50 ns c d diode capacitance f = 1 mhz; v r =0; see figs 22, 23 and 24 byv27-50 to 200 - 100 - pf byv27-300 and 400 - 80 - pf byv27-500 and 600 - 65 - pf maximum slope of reverse recovery current when switched from i f = 1 a to v r 3 30 v and di f /dt = - 1a/ m s; see fig. 26 -- 4a/ m s symbol parameter conditions value unit r th j-tp thermal resistance from junction to tie-point lead length = 10 mm 46 k/w r th j-a thermal resistance from junction to ambient note 1 100 k/w symbol parameter conditions min. typ. max. unit di r dt --------
1997 nov 24 5 philips semiconductors product speci?cation ultra fast low-loss controlled avalanche recti?ers byv27 series graphical data byv27-50 to 200 a = 1.42; v r =v rrmmax ; d = 0.5. switched mode application. fig.2 maximum permissible average forward current as a function of tie-point temperature (including losses due to reverse leakage). handbook, halfpage 0 200 mga849 100 t ( c) o tp 0 i f(av) (a) 1.6 1.2 0.8 0.4 2.0 20 15 10 lead length (mm) byv27-300 and 400 a = 1.42; v r =v rrmmax ; d = 0.5. switched mode application. fig.3 maximum permissible average forward current as a function of tie-point temperature (including losses due to reverse leakage). handbook, halfpage 0 200 mlc293 100 t ( c) o tp 0 i f(av) (a) 1.6 1.2 0.8 0.4 2.0 lead length 10 mm fig.4 maximum permissible average forward current as a function of tie-point temperature (including losses due to reverse leakage). byv27-500 and 600 a = 1.42; v r =v rrmmax ; d = 0.5. switched mode application. handbook, halfpage 0 200 0 1 2 3 i f(av) (a) 100 t tp ( c) mgk648 lead length 10 mm byv27-50 to 200 a = 1.42; v r =v rrmmax ; d = 0.5. device mounted as shown in fig. 25. switched mode application. fig.5 maximum permissible average forward current as a function of ambient temperature (including losses due to reverse leakage). handbook, halfpage 0 200 0 mga848 100 i f(av) (a) t ( c) amb o 1.6 1.2 0.8 0.4 2.0
1997 nov 24 6 philips semiconductors product speci?cation ultra fast low-loss controlled avalanche recti?ers byv27 series fig.6 maximum permissible average forward current as a function of ambient temperature (including losses due to reverse leakage). byv27-300 and 400 a = 1.42; v r =v rrmmax ; d = 0.5. device mounted as shown in fig. 25. switched mode application. handbook, halfpage 0 200 0 0.8 0.4 1.6 mlc294 100 i f(av) (a) t ( c) o 1.2 amb fig.7 maximum permissible average forward current as a function of ambient temperature (including losses due to reverse leakage). byv27-500 and 600 a = 1.42; v r =v rrmmax ; d = 0.5. device mounted as shown in fig. 25. switched mode application. handbook, halfpage 0 200 0 0.4 0.8 1.2 1.6 i f(av) (a) 100 t amb ( c) mgk649 byv27-50 to 200 t tp =85 c; r th j-tp = 46 k/w. v rrmmax during 1 -d ; curves include derating for t j max at v rrm = 200 v. fig.8 maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor. handbook, full pagewidth 0 8 10 2 11010 2 10 3 10 4 mlc297 16 t (ms) p 10 1 i frm (a) 4 12 20 d = 0.05 0.1 0.2 0.5 1
1997 nov 24 7 philips semiconductors product speci?cation ultra fast low-loss controlled avalanche recti?ers byv27 series byv27-300 and 400 t tp =85 c; r th j-tp = 46 k/w. v rrmmax during 1 -d ; curves include derating for t j max at v rrm = 400 v. fig.9 maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor. handbook, full pagewidth 0 8 10 2 11010 2 10 3 10 4 mlc299 16 t (ms) p 10 1 i frm (a) 4 12 20 d = 0.05 0.1 0.2 0.5 1 byv27-500 and 600 t tp =85 c; r th j-tp = 46 k/w. v rrmmax during 1 -d ; curves include derating for t j max at v rrm = 600 v. fig.10 maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor. handbook, full pagewidth 0 12 10 4 10 3 10 2 10 1 10 - 1 10 - 2 mgk650 t p (ms) i frm (a) 8 4 16 20 d = 0.05 0.1 0.2 1 0.5
1997 nov 24 8 philips semiconductors product speci?cation ultra fast low-loss controlled avalanche recti?ers byv27 series byv27-50 to 200 t amb =60 c; r th j-a = 100 k/w. v rrmmax during 1 -d ; curves include derating for t j max at v rrm = 200 v. fig.11 maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor. handbook, full pagewidth 0 8 10 2 11010 2 10 3 10 4 mlc298 16 t (ms) p 10 1 i frm (a) 4 12 d = 0.05 0.1 0.2 0.5 1 byv27-300 and 400 t amb =60 c; r th j-a = 100 k/w. v rrmmax during 1 -d ; curves include derating for t j max at v rrm = 400 v. fig.12 maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor. handbook, full pagewidth 0 8 10 2 11010 2 10 3 10 4 mlc300 16 t (ms) p 10 1 i frm (a) 4 12 d = 0.05 0.1 0.2 0.5 1
1997 nov 24 9 philips semiconductors product speci?cation ultra fast low-loss controlled avalanche recti?ers byv27 series byv27-500 and 600 t amb =60 c; r th j-a = 100 k/w. v rrmmax during 1 -d ; curves include derating for t j max at v rrm = 600 v. fig.13 maximum repetitive peak forward current as a function of pulse time (square pulse) and duty factor. handbook, full pagewidth 0 12 10 4 10 3 10 2 10 1 10 - 1 10 - 2 mgk651 t p (ms) i frm (a) 8 4 16 20 d = 0.05 0.1 1 0.5 0.2 byv27-50 to 200 a=i f(rms) /i f(av) ; v r =v rrmmax ; d = 0.5. fig.14 maximum steady state power dissipation (forward plus leakage current losses, excluding switching losses) as a function of average forward current. handbook, halfpage 0 mga870 2.4 0 1.6 1.2 0.8 0.4 2.0 p (w) i (a) f(av) 12 a = 3 2.5 2 1.57 1.42 byv27-300 and 400 a=i f(rms) /i f(av) ; v r =v rrmmax ; d = 0.5. fig.15 maximum steady state power dissipation (forward plus leakage current losses, excluding switching losses) as a function of average forward current. handbook, halfpage 0 mlc292 2.4 0 1.6 1.2 2.0 0.8 0.4 p (w) i (a) f(av) 12 a = 3 2.5 2 1.57 1.42
1997 nov 24 10 philips semiconductors product speci?cation ultra fast low-loss controlled avalanche recti?ers byv27 series fig.16 maximum steady state power dissipation (forward plus leakage current losses, excluding switching losses) as a function of average forward current. byv27-500 and 600 a=i f(rms) /i f(av) ; v r =v rrmmax ; d = 0.5. handbook, halfpage 0 mgk652 2.0 0 1.2 0.8 0.4 1.6 p (w) i f(av) (a) 12 2.5 2 1.57 1.42 a = 3 solid line = v r . dotted line = v rrm ; d = 0.5. fig.17 maximum permissible junction temperature as a function of maximum reverse voltage percentage. handbook, halfpage 0 100 200 0 100 50 v r (%v rmax ) t j ( c) mgk645 byv27-50 to 200 dotted line: t j = 175 c. solid line: t j =25 c. fig.18 forward current as a function of forward voltage; maximum values. handbook, halfpage 02 6 0 2 4 mga864 1 i f (a) v (v) f byv27-300 and 400 dotted line: t j = 175 c. solid line: t j =25 c. fig.19 forward current as a function of forward voltage; maximum values. handbook, halfpage 02 6 0 2 4 mlc291 1 i f (a) v (v) f
1997 nov 24 11 philips semiconductors product speci?cation ultra fast low-loss controlled avalanche recti?ers byv27 series byv27-500 and 600 dotted line: t j = 175 c. solid line: t j =25 c. fig.20 forward current as a function of forward voltage; maximum values. handbook, halfpage 02 6 0 2 4 mbh649 1 i f (a) v (v) f v r =v rrmmax . fig.21 reverse current as a function of junction temperature; maximum values. handbook, halfpage mgc550 0 100 200 10 3 10 2 10 1 ( m a) i r t j ( c) byv27-50 to 200 f = 1 mhz; t j =25 c. fig.22 diode capacitance as a function of reverse voltage; typical values. handbook, halfpage 1 mlc295 10 10 2 10 3 1 10 2 10 v (v) r c d (pf) byv27-300 and 400 f = 1 mhz; t j =25 c. fig.23 diode capacitance as a function of reverse voltage; typical values. handbook, halfpage 1 mlc296 10 10 2 10 3 1 10 2 10 v (v) r c d (pf)
1997 nov 24 12 philips semiconductors product speci?cation ultra fast low-loss controlled avalanche recti?ers byv27 series fig.24 diode capacitance as a function of reverse voltage; typical values. byv27-500 and 600 f = 1 mhz; t j =25 c. handbook, halfpage 1 mgk653 10 10 2 10 3 1 10 2 10 v r (v) c d (pf) fig.25 device mounted on a printed-circuit board. dimensions in mm. handbook, halfpage mga200 3 2 7 50 25 50 fig.26 reverse recovery definitions. n dbook, halfpage 10% 100% di dt t t rr i f i r mgc499 f di dt r
1997 nov 24 13 philips semiconductors product speci?cation ultra fast low-loss controlled avalanche recti?ers byv27 series fig.27 test circuit and reverse recovery time waveform and definition. input impedance oscilloscope: 1 m w , 22 pf; t r 7 ns. source impedance: 50 w ; t r 15 ns. handbook, full pagewidth 10 w 1 w 50 w 25 v dut mam057 + t rr 0.5 0 0.5 1.0 i f (a) i r (a) t 0.25
1997 nov 24 14 philips semiconductors product speci?cation ultra fast low-loss controlled avalanche recti?ers byv27 series package outline definitions life support applications these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips for any damages resulting from such improper use or sale. data sheet status objective speci?cation this data sheet contains target or goal speci?cations for product development. preliminary speci?cation this data sheet contains preliminary data; supplementary data may be published later. product speci?cation this data sheet contains ?nal product speci?cations. limiting values limiting values given are in accordance with the absolute maximum rating system (iec 134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information where application information is given, it is advisory and does not form part of the speci?cation. references outline version european projection issue date iec jedec eiaj note 1. the marking band indicates the cathode. sod57 97-10-14 hermetically sealed glass package; axial leaded; 2 leads sod57 unit b max. mm 0.81 d max. g max. 28 4.57 3.81 l min. dimensions (mm are the original dimensions) g l d l b 0 2.5 5 mm scale k a   (1)
1997 nov 24 15 philips semiconductors product speci?cation ultra fast low-loss controlled avalanche recti?ers byv27 series notes
internet: http://www.semiconductors.philips.com philips semiconductors C a worldwide company ? philips electronics n.v. 1997 sca56 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reli able and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not con vey nor imply any license under patent- or other industrial or intellectual property rights. netherlands: postbus 90050, 5600 pb eindhoven, bldg. vb, tel. +31 40 27 82785, fax. +31 40 27 88399 new zealand: 2 wagener place, c.p.o. box 1041, auckland, tel. +64 9 849 4160, fax. +64 9 849 7811 norway: box 1, manglerud 0612, oslo, tel. +47 22 74 8000, fax. +47 22 74 8341 philippines: philips semiconductors philippines inc., 106 valero st. salcedo village, p.o. box 2108 mcc, makati, metro manila, tel. +63 2 816 6380, fax. +63 2 817 3474 poland: ul. lukiska 10, pl 04-123 warszawa, tel. +48 22 612 2831, fax. +48 22 612 2327 portugal: see spain romania: see italy russia: philips russia, ul. usatcheva 35a, 119048 moscow, tel. +7 095 755 6918, fax. +7 095 755 6919 singapore: lorong 1, toa payoh, singapore 1231, tel. +65 350 2538, fax. +65 251 6500 slovakia: see austria slovenia: see italy south africa: s.a. philips pty ltd., 195-215 main road martindale, 2092 johannesburg, p.o. box 7430 johannesburg 2000, tel. +27 11 470 5911, fax. +27 11 470 5494 south america: al. vicente pinzon, 173, 6th floor, 04547-130 s?o paulo, sp, brazil, tel. +55 11 821 2333, fax. +55 11 821 2382 spain: balmes 22, 08007 barcelona, tel. +34 3 301 6312, fax. +34 3 301 4107 sweden: kottbygatan 7, akalla, s-16485 stockholm, tel. +46 8 632 2000, fax. +46 8 632 2745 switzerland: allmendstrasse 140, ch-8027 zrich, tel. +41 1 488 2686, fax. +41 1 481 7730 taiwan: philips semiconductors, 6f, no. 96, chien kuo n. rd., sec. 1, taipei, taiwan tel. +886 2 2134 2865, fax. +886 2 2134 2874 thailand: philips electronics (thailand) ltd., 209/2 sanpavuth-bangna road prakanong, bangkok 10260, tel. +66 2 745 4090, fax. +66 2 398 0793 turkey: talatpasa cad. no. 5, 80640 gltepe/istanbul, tel. +90 212 279 2770, fax. +90 212 282 6707 ukraine : philips ukraine, 4 patrice lumumba str., building b, floor 7, 252042 kiev, tel. +380 44 264 2776, fax. +380 44 268 0461 united kingdom: philips semiconductors ltd., 276 bath road, hayes, middlesex ub3 5bx, tel. +44 181 730 5000, fax. +44 181 754 8421 united states: 811 east arques avenue, sunnyvale, ca 94088-3409, tel. +1 800 234 7381 uruguay: see south america vietnam: see singapore yugoslavia: philips, trg n. pasica 5/v, 11000 beograd, tel. +381 11 625 344, fax.+381 11 635 777 for all other countries apply to: philips semiconductors, international marketing & sales communications, building be-p, p.o. box 218, 5600 md eindhoven, the netherlands, fax. +31 40 27 24825 argentina: see south america australia: 34 waterloo road, north ryde, nsw 2113, tel. +61 2 9805 4455, fax. +61 2 9805 4466 austria: computerstr. 6, a-1101 wien, p.o. box 213, tel. +43 160 1010, fax. +43 160 101 1210 belarus: hotel minsk business center, bld. 3, r. 1211, volodarski str. 6, 220050 minsk, tel. +375 172 200 733, fax. +375 172 200 773 belgium: see the netherlands brazil: see south america bulgaria: philips bulgaria ltd., energoproject, 15th floor, 51 james bourchier blvd., 1407 sofia, tel. +359 2 689 211, fax. +359 2 689 102 canada: philips semiconductors/components, tel. +1 800 234 7381 china/hong kong: 501 hong kong industrial technology centre, 72 tat chee avenue, kowloon tong, hong kong, tel. +852 2319 7888, fax. +852 2319 7700 colombia: see south america czech republic: see austria denmark: prags boulevard 80, pb 1919, dk-2300 copenhagen s, tel. +45 32 88 2636, fax. +45 31 57 0044 finland: sinikalliontie 3, fin-02630 espoo, tel. +358 9 615800, fax. +358 9 61580920 france: 51 rue carnot, bp317, 92156 suresnes cedex, tel. +33 1 40 99 6161, fax. +33 1 40 99 6427 germany: hammerbrookstra?e 69, d-20097 hamburg, tel. +49 40 23 53 60, fax. +49 40 23 536 300 greece: no. 15, 25th march street, gr 17778 tavros/athens, tel. +30 1 4894 339/239, fax. +30 1 4814 240 hungary: see austria india: philips india ltd, band box building, 2nd floor, 254-d, dr. annie besant road, worli, mumbai 400 025, tel. +91 22 493 8541, fax. +91 22 493 0966 indonesia: see singapore ireland: newstead, clonskeagh, dublin 14, tel. +353 1 7640 000, fax. +353 1 7640 200 israel: rapac electronics, 7 kehilat saloniki st, po box 18053, tel aviv 61180, tel. +972 3 645 0444, fax. +972 3 649 1007 italy: philips semiconductors, piazza iv novembre 3, 20124 milano, tel. +39 2 6752 2531, fax. +39 2 6752 2557 japan: philips bldg 13-37, kohnan 2-chome, minato-ku, tokyo 108, tel. +81 3 3740 5130, fax. +81 3 3740 5077 korea: philips house, 260-199 itaewon-dong, yongsan-ku, seoul, tel. +82 2 709 1412, fax. +82 2 709 1415 malaysia: no. 76 jalan universiti, 46200 petaling jaya, selangor, tel. +60 3 750 5214, fax. +60 3 757 4880 mexico: 5900 gateway east, suite 200, el paso, texas 79905, tel. +9-5 800 234 7381 middle east: see italy printed in the netherlands 117027/1200/04/pp16 date of release: 1997 nov 24 document order number: 9397 750 02663


▲Up To Search▲   

 
Price & Availability of BYV27-100A52R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X